PART |
Description |
Maker |
XC3SD1800A-4FGG676C |
Spartan-3A DSP FPGA Family Data Sheet
|
Xilinx, Inc
|
XA3S1200E XA3S500E XA3S250E XA3S1600E DS635 XA3S10 |
XA Spartan-3E Automotive FPGA Family Data Sheet FPGA, 1164 CLBS, 500000 GATES, 572 MHz, PQFP100 FPGA, 2168 CLBS, 1200000 GATES, 572 MHz, PBGA256 Proven advanced 90-nanometer process technology
|
Xilinx, Inc XILINX INC
|
XC17S200APD8C XC17S200APD8I XC17S200ASO20C XC17S20 |
Spartan-II/Spartan-IIE Family SPARTAN-II/SPARTAN-IIE FAMILY OTP CONFIGURATION PROMS
|
XILINX[Xilinx, Inc]
|
XC17S00 DS030 17S20PC 17S30LPC 17S10PC XC17S05XLSO |
Spartan 3.3V one-time programmable configuration PROM. Configuration bits 781248. Product Specification From old datasheet system SPARTAN FAMILY OF ONE-TIME PROGRAMMABLE CONFIGURATION PROMS Spartan 3.3V one-time programmable configuration PROM. Configuration bits 1040128. Spartan Family of One-Time
|
XILINX[Xilinx, Inc]
|
LFEC15E-4F256C LFEC15E-4F256I LFEC15E-4F484C LFEC1 |
LatticeEC family of FPGA. LatticeECP family of FPGA.
|
Lattice Semiconductor
|
XC6SLX4 |
Spartan-6 FPGA Data Sheet: DC and Switching Characteristics
|
Xilinx, Inc
|
TSC390 TSC395 TSC391 TSC392 TSC393 TSC394 TSC391AL |
FPGA, CYCLONE III, 80K LE, 780FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:429; IC FLEX 6000 FPGA 10K 100-TQFP IC CYCLONE III FPGA 80K 484 UBGA Dual Interface Buffers
|
MICROSEMI[Microsemi Corporation]
|
17S05SI 17S05SC 17S05PI 17S05PC 17S05LPI 17S05LSI |
Spartan Family of One-Time Programmable Configuration PROMs Spartan系列一次性可编程配置PROM
|
Xilinx, Inc.
|
A54SX32A-1BG208 A54SX32A-1BG208B A54SX32A-1BG208I |
FPGA, 6036 CLBS, 108000 GATES, 250 MHz, PBGA484 SX-A Family FPGAs FPGA, 4024 CLBS, 72000 GATES, PQFP208 FPGA, 768 CLBS, 12000 GATES, PBGA144 FPGA, 6036 CLBS, 108000 GATES, 250 MHz, CQFP208 FPGA, 6036 CLBS, 108000 GATES, 156 MHz, CQFP256 FPGA, 768 CLBS, 12000 GATES, 272 MHz, PQFP208 FPGA, 1452 CLBS, 24000 GATES, 357 MHz, PQFP100 FPGA, 768 CLBS, 12000 GATES, 313 MHz, PBGA144 FPGA, 6036 CLBS, 108000 GATES, 333 MHz, CQFP208 FPGA, 1980 CLBS, 32000 GATES, PBGA144 FPGA, 2880 CLBS, 48000 GATES, PBGA144 FPGA, 1980 CLBS, 32000 GATES, PBGA256 FPGA, 2880 CLBS, 48000 GATES, PBGA256
|
Actel Corporation http://
|
XA3SD1800A XA3SD3400A DS705 |
XA Spartan-3A DSP Automotive FPGA Family Data Sheet Integrated adder for complex multiply or multiply-add operation Integrated adder for complex multiply or multiply-add operation
|
Xilinx, Inc
|
N527R1 N521 N523 N507 |
Green Glow Lamps(with Resistor) FPGA, 12K LUTS, 131 I/O,DSP,208PQFP; Logic IC family:ECP2; Logic IC function:FPGA; Voltage, supply:1.2V; Case style:PQFP; Base number:2; I/O lines
|
International Light Technologies Inc.
|
LAXP2-5E-5TN144E LAXP2-8E-5QN208E LAXP2-8E-5TN144E |
Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free TQFP; Pins: 144; Temperature: AUTO; LUTs (k): 5 FPGA, 5000 GATES, PQFP144 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free PQFP; Pins: 208; Temperature: AUTO; LUTs (k): 8 FPGA, 8000 GATES, PQFP208 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free TQFP; Pins: 144; Temperature: AUTO; LUTs (k): 8 FPGA, 8000 GATES, PQFP144 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free PQFP; Pins: 208; Temperature: AUTO; LUTs (k): 5 FPGA, 5000 GATES, PQFP208 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free ftBGA; Pins: 256; Temperature: AUTO; LUTs (k): 8 FPGA, 8000 GATES, PBGA256 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free ftBGA; Pins: 256; Temperature: AUTO; LUTs (k): 5 FPGA, 5000 GATES, PBGA256 Automotive Low-Cost Non-Volatile FPGA Family; Voltage: 1.2V; Grade: -5; Package: Lead-Free csBGA; Pins: 132; Temperature: AUTO; LUTs (k): 8
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
|